|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0713491050 Active cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Header, Surface Mount, Dual Row, Vertical, Shrouded, 36 Circuits, 0.38m (15") Gold (Au) Selective Plating, without Press-fit Plastic Pegs Documents: 3D Model Drawing (PDF) Product Specification PS-71349-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 71349 Wire-to-Board cgrid__sl_products C-Grid(R) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Overview Product Name Physical Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 36 Black 50 No No No None Yes Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic 2 Vertical 0.000 In 0.00 mm No None 0.000 In 0.00 mm Tube 0.100 In 2.54 mm 15 0.375 75 1.875 No Fully No -40C to +105C Surface Mount Search Parts in this Series 71349Series Mates With 70013 Interim Clip, 70450a Crimp Housing, 71850 Through-hole Receptacle, 71395 SMT Receptacle Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 Reflow Capable (SMT only) 3 245 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-70873-0018 PS-71349-001 SDA-71349-**** This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 71349-1050 |